Part Number Hot Search : 
25L80 SDR3006 798GAC 13SG1C 00EL1 2988104 89LPC9 CMWD149
Product Description
Full Text Search
 

To Download BR805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
BR805 THRU BR810
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 8.0 Amperes
FEATURES
* Surge overload rating: 125 Amperes peak * Low forward voltage drop
BR-8/10
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202, Method 208 guaranteed Polarity: Symbols molded or marked on body Mounting position: Any Weight: 6.9 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage
o Maximum Average Forward Rectified Output Current at Tc = 50 C
BR805 50 35 50
BR81 100 70 100
BR82 200 140 200
BR84 400 280 400 8.0 125 1.1 10
BR86 600 420 600
BR88 800 560 800
BR810 1000 700 1000
UNITS Volts Volts Volts Amps Amps Volts uAmps A 2 Sec pF
0
VRRM VRMS VDC IO IFSM VF IR It CJ RJ A TJ T STG
2
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage Drop per element at 4.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage per element I t Rating for Fusing (t<8.3ms) Typical Junction Capacitance ( Note1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2
@TA = 25 oC @TC = 100 oC
500 166 200 21 -55 to + 125 -55 to + 150
C/W
0 0
C C
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.5 x 0.5" (13x13mm) copper pads.
236
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT
RATING AND CHARACTERISTIC CURVES (BR805 THRU BR810)
PC
Bo
He
ar
Si at-
d
M
ou
nk
nt
in
K
g
u Mo nti ng
DC COMPONENTS CO., LTD.
R
237
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT


▲Up To Search▲   

 
Price & Availability of BR805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X